Part Number Hot Search : 
SMCJ36A 2X245 5KP14A KBPC100 1N4750A DRA03TE D15XB20 TX715
Product Description
Full Text Search
 

To Download LNY2G682MSEG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  stability at low temperature tangent of loss angle (tan ) measurement frequeny : 120hz rated voltage(v) impedance ratio zt/z 20 (max.) 350 to 450 z 40 c / z+20 c 12 item performance characteristics the specifications listed at right shall be met when the capacitors are restored to 20 c after d.c. bias plus rated ripple current is applied for 2000 hours at 85 c , the peak voltage shall not exceed the rated voltage. after storing the capacitors under no load at 85 c for 1000 hours and then performing voltage treatment based on jis c 5101-4 clause 4.1 at 20c, they shall meet the reguirements listed at right. aluminum electrolytic capacitors ny high voltage ny series screw terminal type, 85 c higher capacitance suited for equipment down sizing. load life of 2000 hours application of ripple current at 85 c compliant to the rohs directive (2011/65/eu). specifications category temperature range rated voltage range rated capacitance range capacitance tolerance insulation resistance the insulation resistance shall be more than 100m ? at dc 500v application between terminal and bracket. voltage proof there is no abnormality during ac 2500v 1 minute's application between terminal and bracket. endurance shelf life marking 40 to +85 c 350 to 450v 820 to 22000 f 20% ( 120hz, 20 c ) printed with white color letter on black sleeve 0.25max. ( 120hz at 20 c ) p 7 5 pressure relief vent pressure relief vent a 2 120 30 sleeve bottom plate w 1 d +2max hexagenal headed bolt p 2 b t u s u s p a 2 t note ) the brackets will be supplied in the separate box. b 3-leg brackets for 90 capacitors have different hole shapes from the ordinary ones illustrated below. 1 l + max. h 1 h type numbering system ( example : 400v 10000 f ) l 1 n 2 y 3 2 4 g 5 1 6 0 7 3 8 m 9 s 10 ej 11 13 14 12 configuration case dia. code mounting bracket capacitance tolerance ( 20% ) rated capacitance ( 10000 f ) rated voltage ( 400v ) series name type 3-leg brackets code less 2-leg brackets bb no brackets bn d code 051.0 f 063.5 g 076.2 h 090.0 j ( 51 to 90 ) d 51 63.5 76.2 90 22.0 28.6 31.8 31.8 32.5 38.5 7.5 5.0 12 60 20 15 38.1 43 8.0 5.0 14 60 25 20 44.5 49.2 7.0 5.0 14 60 30 24 50.8 58.5 8.0 5.0 18 60 35 25 33.2 40 6.0 4.5 14 30 25 15 40.5 46.5 7.0 4.5 14 30 35 20 46.5 53 6.0 4.5 14 30 35 20 53 59 6.0 4.5 14 30 35 20 6 6 6 6 p a t s u h h 3 3 3 3 m5 m5 m5 m5 w leg shape symbol dimension of mounting bracket dimension of terminal pitch ( w ) and length ( ) and nominal dia. of bolt d 51 63.5 76.2 90 51 63.5 76.2 90 3-leg 2-leg nominal dia. of bolt ( mm ) ( mm ) configuration cr ( iii ) plating ( rohs compliant ) se drawing nr capacitance change tan leakage current within 20% of the initial capacitance value 300% or less than the initial specified value less than or equal to the initial specified value capacitance change tan leakage current within 20% of the initial capacitance value 300% or less than the initial specified value less than or equal to the initial specified value dimension table in next page. leakage current after 5 minutes' application of rated voltage, leakage current is not more than ( a) or 5 ma, whichever is smaller. (at 20 c ) [c : rated capacitance(f), v : voltage (v) ] 3 cv please refer to page 330 for schematic of dimensions. please contact to us if pvcless products are required. cat.8100c
aluminum electrolytic capacitors ny series rated ripple current (arms) at 85 c 120hz frequency coefficient of rated ripple current coefficient 0.80 0.82 1.00 1.20 1.35 1.40 frequency (hz) 50 60 120 360 1k 10k or more dimensions 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200 10000 12000 15000 18000 22000 51 60 51 70 51 80 51 90 63.5 65 51 105 63.5 75 51 130 63.5 80 51 140 63.5 90 76.2 70 63.5 100 76.2 85 63.5 125 76.2 95 63.5 145 76.2 105 63.5 165 76.2 125 90 95 76.2 150 90 110 76.2 190 90 140 76.2 210 90 155 90 190 9.3 10.0 11.1 12.2 11.9 13.8 13.1 14.8 14.1 15.9 15.8 15.7 17.1 17.0 19.2 18.8 20.6 20.2 23.2 23.5 23.5 24.0 24.1 28.0 29.2 30.2 31.1 35.4 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 2.17 2.38 2.63 2.92 2.92 3.22 3.22 3.50 3.50 3.85 3.85 3.85 4.20 4.20 4.63 4.63 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 lny2v152msef lny2v182msef lny2v222msef lny2v272msef lny2v272mseg lny2v332msef lny2v332mseg lny2v392msef lny2v392mseg lny2v472msef lny2v472mseg lny2v472mseh lny2v562mseg lny2v562mseh lny2v682mseg lny2v682mseh lny2v822mseg lny2v822mseh lny2v103mseg lny2v103mseh lny2v103msej lny2v123mseh lny2v123msej lny2v153mseh lny2v153msej lny2v183mseh lny2v183msej lny2v223msej 350v (2v) rated ripple (arms) tan leakage current (ma) code size d l (mm) cap. (f) 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200 10000 12000 15000 18000 51 60 51 65 51 75 51 85 63.5 65 51 95 63.5 75 51 115 63.5 85 51 145 63.5 95 51 170 63.5 105 76.2 85 63.5 125 76.2 95 63.5 140 76.2 105 63.5 165 63.5 210 76.2 150 90 120 76.2 170 90 130 76.2 220 90 155 90 190 90 230 6.4 7.1 8.1 8.7 9.1 9.6 10.1 10.5 11.6 12.4 13.0 13.8 14.2 14.6 16.1 16.2 16.9 17.6 19.1 21.2 21.2 21.0 22.4 22.0 26.0 26.0 28.3 30.6 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 1.90 2.08 2.32 2.55 2.55 2.81 2.81 3.12 3.12 3.45 3.45 3.75 3.75 3.75 4.11 4.11 4.49 4.49 4.95 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 lny2g102msef lny2g122msef lny2g152msef lny2g182msef lny2g182mseg lny2g222msef lny2g222mseg lny2g272msef lny2g272mseg lny2g332msef lny2g332mseg lny2g392msef lny2g392mseg lny2g392mseh lny2g472mseg lny2g472mseh lny2g562mseg lny2g562mseh LNY2G682MSEG lny2g822mseg lny2g822mseh lny2g822msej lny2g103mseh lny2g103msej lny2g123mseh lny2g123msej lny2g153msej lny2g183msej 400v (2g) rated ripple (arms) tan leakage current (ma) code size d l (mm) cap. (f) 820 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200 10000 12000 15000 51 60 51 70 51 75 51 85 63.5 65 51 95 63.5 75 51 125 63.5 85 51 145 63.5 90 51 170 63.5 105 76.2 85 63.5 125 76.2 95 63.5 145 76.2 105 63.5 165 76.2 125 63.5 210 76.2 150 90 120 76.2 170 90 130 76.2 210 90 155 90 190 90 220 4.9 5.5 6.0 6.8 7.9 7.9 8.9 9.2 9.8 10.3 10.8 11.1 12.0 12.6 13.5 14.0 15.2 15.6 17.0 17.6 19.1 19.6 19.5 20.1 20.1 23.0 22.9 26.0 29.6 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 1.82 2.01 2.20 2.46 2.46 2.70 2.70 2.98 2.98 3.31 3.31 3.66 3.66 3.66 3.97 3.97 4.36 4.36 4.76 4.76 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 lny2w821msef lny2w102msef lny2w122msef lny2w152msef lny2w152mseg lny2w182msef lny2w182mseg lny2w222msef lny2w222mseg lny2w272msef lny2w272mseg lny2w332msef lny2w332mseg lny2w332mseh lny2w392mseg lny2w392mseh lny2w472mseg lny2w472mseh lny2w562mseg lny2w562mseh lny2w682mseg lny2w682mseh lny2w682msej lny2w822mseh lny2w822msej lny2w103mseh lny2w103msej lny2w123msej lny2w153msej 450v (2w) rated ripple (arms) tan leakage current (ma) code size d l (mm) cap. (f) cat.8100c


▲Up To Search▲   

 
Price & Availability of LNY2G682MSEG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X